Part Number Hot Search : 
SMBJ45A APTGT5 FCH10U SM5841HS V0DS00 MC1451 74LV393N BGY58
Product Description
Full Text Search
 

To Download SC606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Noise Smart LED www..com Driver with Serial Interface
POWER MANAGEMENT Description
The SC606 is a very high efficiency charge pump white/color LED driver from the mAhXLifeTM family of products. It is optimized for Li-Ion battery applications. The LED current is regulated to a value configured by the user through an I2C compatible serial interface. LED outputs are current-matched for consistent LED brightness. Up to 6 LEDs are controlled in three zones for brightness control in multiple displays. The 6 LED outputs are divided into 3 pairs of LEDs. Each pair has current that is programmable independent of the other pairs. Any combination of LEDs may be turned on using the serial interface. The SC606 also has a float detect feature that disables any current driver during normal operation when an open-load condition is detected. Patented low noise switching circuitry and constant output current allow the use of extremely small input and output capacitors.
SC606
Features
Very High Efficiency Over 90% of Battery Life Current Regulation for 6 LEDs Current Matching Tolerance of +/- 3.5% from LED to LED Current Accuracy to +/- 6.5% of Specified Value Current Range per LED [0.5mA - 32mA] High Available Total LED Current = 6 ILED = 120mA I2C Bus Limited Compatibility SC606 Low Shutdown Current: 0.1A Typical Soft-Start /In-rush Current Limiting Short Circuit /Thermal Protection MLP-16 [4x4] Package 1.33MHz and 250kHz Programmable Fixed Frequency Separate Brightness Zones for Multiple Displays Three Charge Pump Modes of Operation: 1x, 1.5x and 2x Open LED Output Protection
Applications
Cellular Phones LED Backlighting PDA Power Supplies Portable Devices Electronic Books Wireless Web Appliances
Typical Application Circuit
D2 16 15 D3 14
Patent Pending
D4 13 ILEDC1
D5
ILEDA2
ILEDB1
ILEDB2
D1
D6 12
1
ILEDA1
ILEDC2
SDA
2
SDA
GND
11 10 C2 1F
SCL
3
SC606
SCL
C2+
EN
4
EN VOUT C1 + VIN C1-
C2-
9
5
6
7
C1 1F
C3 1F
8 VBAT
C4 1F
August 31, 2006
1
United States Patents: 6,504,422, 6,794,926 www.semtech.com
SC606
POWER MANAGEMENT Absolute Maximum Ratings
Exceeding the specifications below may results in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the Electrical Characteristics section is not required. www..com
Parameter Supply Voltage Output Voltage VOUT Short Circuit Duration Thermal Resistance, Junction to Ambient(1) Thermal Resistance, Junction to Case Operating Ambient Junction Temperature Range Storage Temperature Range IR Reflow Temperature SC606AIMLTRT
Symbol VIN VOUT SC JA J C TA TJC TSTG TLEAD
Maximum -0.3 to +6.0 -0.3 to +6.0 Indefinite 40 2.4 -40 to +85 -40 to +150 -65 to +150 260
Units V V
C/W C/W C C C C
1) Calculated from package in still air, mounted to 3" x 4.5", 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Unless specified: TA = -40C to 85C, VIN= 2.85V to 5.5V, C1 = C2 = C3 = C4 = 1.0F (ESR = 0.03), Typical values @ TA =25C, LED VF = 3.4V This device is ESD sensitive. Use of standard ESD handling precautions is required.
Parameter
Symbol
Condition 1x mode, IOUT = 0mA, VIN = 4.2V
Min
Typ
Max
Units A mA A A % % A % % V V
1500 2000 3 0.1 -260 -6.5 -9 -140 -3 -3.75 100 2 3 50 1 1.5 3.58 2.98 4 7 260 6.5 9 140 3 3.75
Quiescent Current
IQ
1.5x mode and 2x mode, IOUT = 0mA Enable = 0, VIN = 4.2V 0.5mA ILEDn 4.0mA(1)(2) 3.2V VIN 4.2V
LED Current Accuracy
ILED-ERR
4.5mA ILEDn 15mA 3.2V VIN 4.2V 15.5mA ILEDn 32mA(3) 3.2V VIN 4.2V 0.5mA ILEDn 4.0mA(2) 3.2V VIN 4.2V
Current Matching
ILED-to-LED
4.5mA ILEDn 15mA 3.2V VIN 4.2V 15.5mA ILEDn 32mA(3) 3.2V VIN 4.2V
1x mode to 1.5x mode falling 1.5x mode to 2x mode falling transition voltage
VTRANS1X VTRANS1.5X
IOUT = 60mA, ILEDn = 10mA(1) IOUT = 60mA, ILEDn = 10mA(1)
(c) 2005 Semtech Corp.
2
www.semtech.com
SC606
POWER MANAGEMENT Electrical Characteristics (Cont.)
Parameter Oscillator Frequency Oscillator Frequency Input Current Limit(2) Input High Threshold Input Low Threshold Input High Current Input Low Current Symbol fOSC fOSC ILIMIT VIH VIL IIH IIL Condition ON/OFF# Status Register = X1XXXXX(4) ON/OFF# Status Register = X0XXXXX(4) 3.2V VIN 4.2V Short circuit applied from VOUT to GND Input high logic threshold Input low logic threshold VIH = VIN VIL = GND 1.6 0.4 10 10 Min 1.13 212.5
www..com
Typ 1.33 250 220
Max 1.53 287.5 850
Units MHz kHz mA V V A A
I2C Interface limited compliance with slave mode I2C Combined Format Philips I2C specification version 2.1 dated January, 2000 VIL 0.4 1.6 IDIN(SDA) = 3mA IDIN(SDA) = 6mA -0.2 10 0.4 0.6 0.2 V V A pF V
Digital Input Voltage
VIH
SDA Output Low Level Digital Input Current I/O Pin Capacitance I2C Timing Clock Frequency SCL Low Period SCL High Period Data Hold Time Data Setup Time Setup Time - Repeated Start Condition Hold Time - Repeated Start Condition Setup Time for Stop Condition fSCL VOL IDG CIN
400 1.3 0.6 0 100 0.6 0.6 0.6
440
kHz s s s ns s s s
tLow tHigh
tHD_DAT tSU_DAT tSU_STA tHD_STA tSU_STA
(c) 2005 Semtech Corp.
3
www.semtech.com
SC606
POWER MANAGEMENT Electrical Characteristics (Cont.)
Parameter Bus-Free Time Between STOP and START Interface Start-up Time Symbol tBUF tEN Bus Start-up Time (after EN is pulled high) Condition Min 1.3 350
www..com
Typ
Max
Units s s
Notes: 1) ILEDn = any LED's current from D1, D2, D3, D4, D5 and D6. 2) Guaranteed by design. 3) Maximum total of LED currents not to exceed 120mA. 4) X = Don't care.
(c) 2005 Semtech Corp.
4
www.semtech.com
SC606
POWER MANAGEMENT Pin Configuration
ILEDC1 ILEDA2 ILEDB1 ILEDB2
www..com
Ordering Information
DEVICE SC606AIMLTRT(2)
12 11 10 ILEDC2 GND C2+ C2-
PACKAGE(1) MLP4x4-16 Evaluation Board
16 ILEDA1 SDA SCL EN 1 2 3 4 5 VOUT
15
14
13
TOP VIEW
SC606AEVB
T 6 VIN 7 C18 C1+
9
Notes: 1) Available in tape and reel only. A reel contains 3000 devices. 2) Available in lead-free package only. This product is fully WEEE and RoHS compliant.
MLP16: 4X4 16 LEAD
Pin Descriptions
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 T Pin Name ILEDA1 SDA SCL EN VOUT V IN C1C1+ C2C2+ GN D ILEDC2 ILEDC1 ILEDB2 ILEDB1 ILEDA2 Thermal Pad Pin Function Current sink for LEDA1 (lf not in use, pin may be left open or grounded). Bi-directional serial data line. Serial bus clock input. Active high enable. Bias current is typically 0.1F when EN is low. Output of the charge pump. Connect a 1F capacitor from VOUT to ground. Input voltage. Connect a 1F capacitor from VIN to ground. For improved per formance when using 250 kHz and 1.5x mode, increase the capacitor to 4.7F ~ 10 F. N egative terminal of bucket capacitor 1. Positive terminal of bucket capacitor 1. N egative terminal of bucket capacitor 2. Positive terminal of bucket capacitor 2. Ground. Current sink for LEDC2 (lf not in use, pin may be left open or grounded). Current sink for LEDC1 (lf not in use, pin may be left open or grounded). Current sink for LEDB2 (lf not in use, pin may be left open or grounded). Current sink for LEDB1 (lf not in use, pin may be left open or grounded). Current sink for LEDA2 (lf not in use, pin may be left open or grounded). Pad for heat sinking purposes. Connect to ground plane using multiple vias. N ot connected internally.
5 www.semtech.com
(c) 2005 Semtech Corp.
SC606
POWER MANAGEMENT Block Diagram
www..com
C1+
8
C17
C2- C2+
9 10
ILEDA1
1
ILEDA2
16
ILEDB1
15
ILEDB2
14
ILEDC1
13
ILEDC2
12
VOUT 5
Current Brightness Control mAhXLifeTM Fractional Charge Pump [1x, 1.5x, 2x] Current Sense FETs and Amplifier(s)
11 GND
VIN 6
1.33MHz/250kHz Oscillator
Mode Select [1x, 1.5x, 2x Startup, Shutdown]
EN 4
Schmitt Buffer
Current Set / DAC
SDA 2
Schmitt Buffer Serial I/O Logic Registers
SCL 3
Schmitt Buffer
(c) 2005 Semtech Corp.
6
www.semtech.com
SC606
POWER MANAGEMENT Applications Information
Detailed Description The SC606 contains a fractional charge pump, mode selection circuit, serial I/O logic, serial data registers and current regulation circuitry for 6 LED outputs. All are depicted in the Block Diagram on page 6. The fractional charge pump multiplies the input voltage by 1, 1.5 or 2 times the input voltage. The charge pump switches at a fixed frequency that is bit selectable to 1.33MHz or 250kHz. The default frequency is 1.33MHz. 250kHz may require additional input capacitance of up to 10F. The charge pump does not switch during 1x mode, saving power and improving efficiency. The mode selection circuit automatically selects the mode as 1x, 1.5x or 2x based on circuit conditions such as LED voltage, input voltage and load current. 1x is the most efficient mode, followed by 1.5x and 2x modes. At lower voltages a stronger mode may be needed to maintain regulation. If so , the mode will change first to 1.5x and then later to 2x. 2x mode usually operates for a much shorter run time compared to 1x mode, and 2x mode maintains the output until the battery is discharged to 2.85V or less. The LED requiring the highest voltage drop will determine the output voltage needed to drive all outputs with sufficient anode voltage. Comparing all cathodes and regulating VOUT for the LED with the lowest cathode voltage ensures sufficient bias for all LEDs. The LED outputs are controlled through the serial data registers, found on page 10 in Table 1. LED on/off functions are independently controlled, so that any combination of LEDs may be switched on. LED current is set per LED pair. For example, when ILEDA1 and ILEDA2 are both on, ILEDA1 = ILEDA2. But ILEDA1 and ILEDA2 do not have to be on at the same time. Six (6) current regulating circuits sink matched currents from the LEDs on a per pair basis. LEDs with matched forward voltage will produce the best possible matched currents. For best matching performance it is recommended that the LED to LED difference, VF , be under 250mV. Designing for Lowest Possible Battery Current The battery current and efficiency of the SC606 are mostly dependent on the charge pump mode of operation. To get the best performance from the SC606 it is better to use LEDs with consistantly lower VF voltage. Lower VF will keep the charge pump in 1x mode longer and will use less battery current, extending the run time of the battery. Mode transition voltages VTRANS1X and VTRANS1.5X can be estimated by the following equations:
www..com
VTRANS1X = VF + VILEDn +(# of LEDs used) ILED 0.83 VTRANS1.5X = [VF + VILEDn +(# of LEDs used) ILED 10.1]/1.5 where, VF is the anode to cathode voltage and VILEDn is the voltage at the ILED pin. Typically VILED=120mV and ILED is the LED current. Power efficiency can be estimated for the intended battery voltage range.
= [VOUT IOUT / VIN (IOUT Mode+IQ)] 100 %
where, VOUT = VF+ VILEDn and IQ = 1.5mA, in 1x mode IQ = 3mA, in 1.5x or 2x mode Quiescent Current IQ at no load will vary with the device state. A sequence of steps is now described which will demonstrate the effect that the device state has on IQ when VIN = 3.8V. (1) After power up (Enable High) and before any serial communication, the IQ is approximately 2.2mA. This is because the output defaults to 5V and the charge pump is active to support the 5V. The charge pump also defaults to 1.33MHz. (2) After power up if the clock is changed to 250kHz, the IQ will decrease to 1mA. (3) If one LED is set on at 0.5mA, the input current will be 1.5mA. For a typical white LED, the 5V output is much higher than necessary, so the charge pump will switch off and the output will adjust to a normal value for the LED, typically around 3.5V. (4) Turn off the LED and IQ = IIN = 80A with Enable = High. This is the lowest power state while Enable = High. ILED Accuracy ILED is determined by the status of registers at 00h, 01h and 02h. The tolerance of the ILED current is +/-6.5% at the 10mA setting. For example, if the data registers are configured so that each LED current should be 10mA, the actual LED currents would be between 9.35mA and 10.65mA (+/-6.5%). All 6 outputs meet this requirement over the industrial temperature range. To calculate the error ILED-ERR[%], use the formula, ILED-ERR[%] =
ILED(measured) - ILED ILED
100%
(c) 2005 Semtech Corp.
7
www.semtech.com
SC606
POWER MANAGEMENT Applications Information (Cont.)
Current Matching Current Matching refers to the I from an LED compared to the average of the minimum and maximum value of all LEDs that are programmed for the same current.
www..com
ILED-LED-ERR [%] =
IMAX IMAX + IMIN 2
-1
100%
or
IMIN IMAX + IMIN 2
-1
100%
which reduces to
IMAX - IMIN IMAX + IMIN
100%
1x Mode, 1.5x Mode and 2x Mode 1x Mode, 1.5x Mode and 2x Mode all refer to the charge pump configuration. These modes multiply the input voltage and ensure that VOUT is high enough for current to be regulated in the LEDs. Mode Transition Voltage Mode transition voltage refers to the input voltage at the point when the charge pump changes from a weaker mode (lower numerically) to a stronger mode (higher numerically). VTRANS1X is the transition from 1x to 1.5x mode, and VTRANS1.5X is the transition from 1.5x to 2x mode.
(c) 2005 Semtech Corp.
8
www.semtech.com
SC606
POWER MANAGEMENT Applications Information (Cont.)
I2C Communication
The SC606 interface uses a limited version of the combined format protocol as described in the Phillips I2C Bus Specification version 2.1. With this format, the Start condition and the Slave Address are both repeated. Data formatting must be a single byte only. Note that the SC606 can only operate on an I2C bus using the limited combined format protocol. If any other I2C data formatting is used on the bus the SC606 may exhibit false acknowleges to the commands. The I2C Slave Address is 1100110. I2C Fast Mode is supported at 400kbit/s. For more information about the I2C combined protocol refer to the I2C Bus Specification from Philips Semiconductors.
www..com
Slave Address
Following a start condition, the bus master outputs the address of a slave device. The 7 bit slave address for the SC606 is 1100110. The address is followed by a least significant bit (LSB). The LSB determines the data direction.
MSB 1 1 0 0 1 1 0 LS B R/W
Data Formatting
Write Format
S Slave Address W A 1 Byte Register Address A Sr Slave Address W A 1 Byte Only nData A P
Read Format
S Slave Address W A 1 Byte Register Address A Sr Slave Address R A 1 Byte Only nData B P
S: W: R: A: B: Sr : P:
Start Condition `0' = Write `1' = Read Acknowledge, sent by slave Acknowledge, sent by master Repeated Start Condition Stop Condition 7 bit 8 bit 8 bit
Slave Address: Register Address: Data:
(c) 2005 Semtech Corp.
9
www.semtech.com
SC606
POWER MANAGEMENT Applications Information (Cont.)
Table 1 - SERIAL DATA REGISTERS
R egister Name LED_A12 Reg LED_B12 Reg LED_C12 Reg R egister Address [8-bit Hexadecimal] 00h 01h 02h Frequency ON/OFF# Reg 03h 0 1 = 250kHz 0 = 1.33MHz LEDC2 1 = On 0 = Off LEDC1 1 = On 0 = Off LEDB2 1 = On 0 = Off LEDB1 1 = On 0 = Off LEDA2 1 = On 0 = Off LEDA1 1 = On 0 = Off X X Refer to Table 2 on Page 11 R egisters' Bit Function Table B7 B6 B5 B4 B3 B2 B1 B0
www..com
Note:
X = Don't care 1 = Logic High 0 = Logic Low
(c) 2005 Semtech Corp.
10
www.semtech.com
SC606
POWER MANAGEMENT Applications Information (Cont.)
Table 2 - DAC Codes For LED Output Current
LED Current [mA] 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 10.5 11.0 11.5 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0 B7 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X B6 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X B5 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 B4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 B3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 B2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 B1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 B0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Decimal 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31
LED Current [mA] 16.5 17.0 17.5 18.0 18.5 19.0 19.5 20.0 20.5 21.0 21.5 22.0 22.5 23.0 23.5 24.0 24.5 25.0 25.5 26.0 26.5 27.0 27.5 28.0 28.5 29.0 29.5 30.0 30.5 31.0 31.5 32.0 B7 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X B6 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X B5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 B4 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 B3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 B2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 B1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 B0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Decimal 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63
www..com
Note:
X = Don't care
(c) 2005 Semtech Corp.
11
www.semtech.com
SC606
POWER MANAGEMENT Typical Characteristics
Efficiency for 6 LEDs at 20mA and 3.31V
100 90
Efficiency [%]
Efficiency [%]
www..com
Efficiency for 6 LEDs at 10mA and 3.31V
100 90 80 TA = 25C 70 60 50
80
T A = 25C
70 60 50 4.2 4 3.8 3.6 3.4 3.2
Input Voltage [V]
4.2
4
3.8
3.6
3.4
3.2
Input Voltage [V]
Ripple in 1x Mode for 6 LEDs at 20mA
Startup
Ch1 1V/DIV Ch2 1V/DIV Ch3 5V/DIV Ch4 500mA/DIV 100 us/DIV
Ch1 50mV/DIV Ch2 50mV/DIV Ch3 2V/DIV Ch4 100mA/DIV 400 ns/DIV
1.33MHz Ripple in 1.5x Mode for 6 LEDs at 20mA
250kHz Ripple in 1.5x Mode for 6 LEDs at 20mA
Ch1 50mV/DIV Ch2 50mV/DIV Ch3 2V/DIV Ch4 100mA/DIV 400 ns/DIV
Ch1 50mV/DIV Ch2 50mV/DIV Ch3 2V/DIV Ch4 100mA/DIV 2 us/DIV
(c) 2005 Semtech Corp.
12
www.semtech.com
SC606
POWER MANAGEMENT Typical Characteristics (Cont.)
1.33MHz Ripple in 2x Mode for 6 LEDs at 20mA
www..com
250kHz Ripple in 2x Mode for 6 LEDs at 20mA
Ch1 50mV/DIV Ch2 50mV/DIV Ch3 2V/DIV Ch4 100mA/DIV 400 ns/DIV
Ch1 50mV/DIV Ch2 50V/DIV Ch3 2V/DIV Ch4 100mA/DIV 2 us/DIV
IQ, LEDs Turned Off
95
Quiescent Current [uA]
92
89
86
83 2.85
3.38
3.91 4.44 Battery Voltage [V]
4.97
5.5
(c) 2005 Semtech Corp.
13
www.semtech.com
SC606
POWER MANAGEMENT Evaluation Board Schematic
www..com
VOUT 1 1 1 1 1 R6 1ohm R5 1 1ohm R4 1 1ohm R3 1 1ohm R2 1 1ohm R1 1 1ohm 1 2 JP14 1 D2 LED_1206 1 D1 LED_1206 C2 TP23 C2 1 2 2 2 TP22 GND 12 11 10 C2 9 2 C2+ 1uF C21 1 1 VOUT VIN J1 C4 1 1 R8 150 1 2 NEG POS 1 2 1uF 1 2 C11 10uF 1 1 TP16 VOUT TP17 VIN TP20 TP21 C2C2+ 1 JP1
2
2
2
2
2
2
2
2
2 JP13 1 C1 1 ILEDC1 13 2 1 2 C1+
JP6
JP5
JP4
JP3
JP2 2
2
2
2
JP9 1
JP10 1
JP11 1
JP12 1 1 D4 LED_1206 B2 2 D3 LED_1206
TP5 GND 1
TP6 GND 1
TP7 GND 1
TP8 GND 1
1
1
D6 LED_1206 2
D5 LED_1206 B1 2
2
1
2
A1
A2
TP26 B1
TP25 B2
1
TP24 C1
16
1
15 ILEDB1
1
ILEDA2
TP12 A1
TP11 A2 1 SDA SCL SCL 2 3 4
ILEDA1 SDA
ILEDB2
1
14
ILEDC2 GND
SC606A
SCL EN VOUT VIN C1C2+ C2-
U4 1 2 3 4 5 6 7 8 9 10 P0.0 P0.1 P0.2 P0.3 P1.0 P1.2 VSS VPP CEXT XIN P.4 P.5 P.6 P.7 P1.1 P1.3 D+ DVCC XOUT 20 19 18 17 16 15 14 13 12 11
1
SDA
1
5
6
7
VOUT
VIN
TP13 SDA 2 C5 4.7uF 2 C7 .1uF
TP14 SCL
JP8 3 EN EN
1 2 1uF
C1
Enable 2 1 BERG_3PIN
1uF C1+
1
1
1 1
Ceramic Res. 6MHz Y1
1
C1-
Delcom 802200
C3
TP15 EN F1 1 R7 7.5k 2
TP18 C1-
TP19 C1+
1A USB_Ty pe-B 1 2 3 4 U5 1 2 3 4
D7 USB Power
(c) 2005 Semtech Corp.
2
14
2
1
8
2
www.semtech.com
1
SC606
POWER MANAGEMENT Evaluation Board Bill of Material
www..com
ITEM QUANTITY REFERENCE PART ________________________________________________________________________ 1 4 C1,C2,C3,C4 1UF X5R 2 1 C5 4.7UF 3 1 C7 .1UF 4 1 C11 10UF 5 6 D1,D2,D3,D4,D5,D6 LED_1206 NICHIA NSCW100 6 1 D7 USB POWER 7 1 F1 1A 8 12 JP1,JP2,JP3,JP4,JP5,JP6, 2PIN JUMPER JP9,JP10,JP11,JP12,JP13, JP14 9 1 JP8 3PIN JUMPER 10 1 J1 BATTERY INPUT 11 6 R1,R2,R3,R4,R5,R6 1OHM 12 1 R7 7.5K 13 1 R8 150 14 5 TP5,TP6,TP7,TP8,TP22 GND 15 1 TP11 A2 16 1 TP12 A1 17 1 TP13 SDA 18 1 TP14 SCL 19 1 TP15 EN 20 1 TP16 VOUT 21 1 TP17 VIN 22 1 TP18 C123 1 TP19 C1+ 24 1 TP20 C225 1 TP21 C2+ 26 1 TP23 C2 27 1 TP24 C1 28 1 TP25 B2 29 1 TP26 B1 30 1 U1 SC606 31 1 U4 DELCOM 802200 32 1 U5 USB_TYPE-B 33 1 Y1 CERAMIC RES. 6MHZ
(c) 2005 Semtech Corp.
15
www.semtech.com
SC606
POWER MANAGEMENT Evaluation Board Gerber Plots
www..com
(c) 2005 Semtech Corp.
16
www.semtech.com
SC606
POWER MANAGEMENT Outline Drawing - MLP-16 [4x4]
www..com
DIM
A D B
A A1 A2 b D D1 E E1 e L N aaa bbb
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.031 .040 .000 .002 (.008) .010 .012 .014 .153 .157 .161 .079 .085 .089 .153 .157 .161 .079 .085 .089 .026 BSC .012 .016 .020 16 .003 .004 0.80 1.00 0.00 0.05 (0.20) 0.25 0.30 0.35 3.90 4.00 4.10 2.00 2.15 2.25 3.90 4.00 4.10 2.00 2.15 2.25 0.65 BSC 0.30 0.40 0.50 16 0.08 0.10
PIN 1 INDICATOR (LASER MARK)
E
A2 A aaa C A1 D1 e/2 LxN
E/2
C
SEATING PLANE
E1
2 1 N e D/2 bxN bbb CAB
NOTES: 1. 2. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
Marking Information
Marking for SC606AIML
606A yyww
yyww = Datecode (Example: 0422)
(c) 2005 Semtech Corp. 17 www.semtech.com
SC606
POWER MANAGEMENT Land Pattern - MLP-16 [4x4]
www..com
K
DIM
2x (C) H 2x G 2x Z C G H K P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.156) .122 .091 .091 .026 .016 .033 .189 (3.95) 3.10 2.30 2.30 0.65 0.40 0.85 4.80
Y X P
NOTES: 1.
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805) 498-2111 FAX (805)498-3804 Visit us at: www.semtech.com
(c) 2005 Semtech Corp. 18 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SC606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X